PART |
Description |
Maker |
GS820H32Q-5I GS820H32T-150I GS820H32GT-5I GS820H32 |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1332 CY7C1331 7C1331 |
64K x 18 Synchronous Cache 3.3V RAM(3.3V 64K x 18 同步高速缓冲存储器 RAM) 64K的18同步高速缓.3V的内存电压(3.3V 64K的18同步高速缓冲存储器的RAM From old datasheet system 64K x 18 SynchronousCache 3.3V RAM
|
Cypress Semiconductor Corp.
|
MCM69Q618TQ8R MCM69Q618 MCM69Q618TQ10 MCM69Q618TQ1 |
64K x 18 Bit Synchronous Separate I/O SRAM
|
MOTOROLA[Motorola, Inc]
|
IS61LF6432A-8.5TQI IS61LF6432A-8.5TQLI IS61LF6436A |
64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 64K X 36 CACHE SRAM, 8.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
MCM67H618B MCM67H618BFN10 MCM67H618BFN12 MCM67H618 |
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|
MCM67C618FN6 MCM67C618FN7 MCM67C618FN9 MCM67C618 |
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
IS61LP6432A-133TQ IS61LP6432A-133TQLI IS61LP6432A- |
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
|
Integrated Silicon Solution, Inc.
|
MCM63P636TQ200 MCM63P636TQ200R MCM63P636 MCM63P636 |
64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|
IDT71T016SA15BFI IDT71T016SA10PH IDT71T016SA10PHI |
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 10 ns, PDSO44 2.5V CMOS Static RAM 1 Meg (64K x 16-Bit) .5V的CMOS静态RAM 1梅格4K的x 16位) P-Channel NexFET Power MOSFET 6-SON -55 to 150 64K X 16 STANDARD SRAM, 12 ns, PBGA48
|
Integrated Device Technology, Inc.
|
AS7C3364PFS32-36BV.1.4 AS7C3364PFS36B-200TQIN AS7C |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 4 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 4 ns, PQFP100 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|